Part Number Hot Search : 
1N3329B MCP6291T 1N3329B WP503IDT WP503IDT D1426 TF1090B GF30DL
Product Description
Full Text Search
 

To Download AK4522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asahi kasei [AK4522] m0020-e-02 2012/01 - 1 - general description the AK4522 has a dynamic range of 100db and is well-suited middle-range md, surround system, musical instruments and car audio. signal input s and outputs are single-ended. the dac outputs are analog filtered to remove out of band noise. ex ternal components are minimized. the AK4522 is available in a small 24pin ssop package, wh ich will reduce system space. features ? ? stereo adc - 64x oversampling - sampling rate ranging from 16khz to 48khz - s/(n+d): 92db - dynamic range, s/n: 100db - digital hpf for offset cancellation ? ? stereo dac - 128x oversampling - sampling rate ranging from 16khz to 48khz - 2nd order scf + 2nd order ctf - digital de-emphasis fo r 32khz, 44.1khz, 48khz sampling - s/(n+d): 90db - dynamic range, s/n: 100db - soft mute ? high jitter tolerance ? master clock: 256fs, 384fs, 512fs ? analog power supply: 4.5 to 5.5v, digital power supply: 2.7 to 5.5v ? small ssop package: 24pin ssop va a gnd vd dgnd cmode a inl+ a inl- a inr+ a inr- vrefh vcom a outl a outr mcki lrck sclk sdto sdti dif0 dif1 smute dem1 dem0 pd modulator ? modulator ? filter decimation filter decimation hpf hpf common volta g e lpf lpf modulator modulator interpolator 8x interpolator 8x serial i/o interface clock divider 20bit stereo ? adc & dac AK4522
asahi kasei [AK4522] m0020-e-02 2012/01 - 2 - ? ordering guide AK4522vm -10 a +70 q c 24pin ssop (0.65mm pitch) ? pin layout 6 5 4 3 2 1 vrefh a inr+ a inl+ a inr- a inl- va a gnd 7 dif0 8 vcom a outr a outl cmode pd dgnd vd mcki top view 10 9 dif1 lrck sclk 11 sdti 12 dem1 dem0 smute sdto 19 20 21 22 23 24 18 17 15 16 14 13
asahi kasei [AK4522] m0020-e-02 2012/01 - 3 - pin/function no. pin name i/o function 1 vrefh i positive voltage reference input pin, va used as a positive voltage reference by adc & dac. vrefh s hould be connected externally to filtered va. 2 ainr+ i rch analog positive input pin 3 ainr- i rch analog negative input pin 4 ainl+ i lch analog positive input pin 5 ainl- i lch analog negative input pin 6 va - analog power supply pin 7 agnd - analog ground pin 8 dif0 i audio data interface format pin 9 dif1 i audio data interface format pin 10 lrck i input/output channel clock pin 11 sclk i audio serial data clock pin 12 sdti i audio serial data input pin 13 sdto o audio serial data output pin 14 smute i soft mute pin when this pin goes ?h?, soft mute cycle is initiated. when returning ?l?, the output mute releases. 15 dem0 i de-emphasis frequency select pin 16 dem1 i de-emphasis frequency select pin 17 mcki i master clock input/x?tal input pin 18 vd - digital power supply pin 19 dgnd - digital ground pin 20 pd i reset pin 21 cmode i master clock select pin (internal biased pin) ?h?: 384fs, ?l?: 256fs, ?nc?: 512fs 22 aoutl i lch analog output pin 23 aoutr i rch analog output pin 24 vcom o common voltage output pin, va/2 note: all input pins except pull-down pins should not be left floating.
asahi kasei [AK4522] m0020-e-02 2012/01 - 4 - absolute maximum ratings (agnd dgnd=0v; note 1) parameter symbol min max units power supplies analog digital |agnd-dgnd| (note 2) va vd gnd -0.3 -0.3 - 6.0 6.0 0.3 v v v input current, any pin except supplies iin - 10 ma analog input voltage vina -0.3 va+0.3 v digital input voltage vind -0.3 vd+0.3 v ambient temperature (power applied) ta -10 70 c storage temperature tstg -65 150 c note: 1. all voltages with respect to ground. 2. agnd and dgnd must be same voltage. warning: operation at or beyond these limits may result in permanent damage to the device. normal operation is not guaranteed at these extremes. recommended operating conditions (agnd, dgnd=0v; note 1) parameter symbol min typ max units power supplies (note 3) analog digital va vd 4.5 2.7 5.0 5.0 5.5 va v v note: 1. all voltages with respect to ground. 3. the power up sequence between va and vd is not critical. *akm assumes no responsibility for the usage beyond the conditions in this datasheet.
asahi kasei [AK4522] m0020-e-02 2012/01 - 5 - analog characteristics (ta=25 c; va, vd=5v; agnd, dgnd=0v; vrefh= va; fs=44.1khz; sclk=64fs; signal frequency =1khz; 20bit data; measurement frequency=10hz 20khz; unless otherwise specified) parameter min typ max units adc analog input characteristics: diff erential inputs; analog source impedance=470 resolution 20 bits s/(n+d) (-0.5db input) (note 4) 84 92 db dr (-60db input, a-weighted) (note 5) 94 100 db s/n (a-weighted) (note 5, 6) 94 100 db interchannel isolation 90 110 db interchannel gain mismatch 0.1 0.3 db gain drift 20 ppm/ c input voltage (ain=0.6 x vrefh) (note 7) 2.85 3.0 3.15 vpp input resistance 20 30 k power supply rejection (note 8) 50 db dac analog output characteristics: resolution 20 bits s/(n+d) 80 90 db dr (-60db output, a-weighted) (note 5) 95 100 db s/n (a-weighted) (note 6, 9) 95 100 db interchannel isolation 90 110 db interchannel gain mismatch 0.2 0.5 db gain drift 20 ppm/ c output voltage (aout=0.6 x vrefh) 2.65 2.9 3.15 vpp load resistance 5 k load capacitance 25 pf power supply rejection (note 8) 50 db power supplies power supply current (va=vd=5v) analog, va pd =?h? 42 55 ma digital, vd pd =?h? 10 20 ma note: 4. in case of single ended input, s/(n+d)=80db(typ, @va=5v). 5. in case of 16bit, dr and s/n of adc are 98db. dr of dac is 98db. 6. s/n measured by ccir-arm is 96db at each converter and 94db at adc to dac loopback. 7. full scale input for each ain+ /- pin is 1.5vpp in differential mode. 8. psr is applied to va, vd with 1khz, 50mvpp. vrefh pin is held a constant voltage. 9. as the input data is ?0?, s/n is 100db regardless of resolution.
asahi kasei [AK4522] m0020-e-02 2012/01 - 6 - filter characteristics (ta=25 c; va=4.5 5.5v, vd=2.7 5.5v; fs=44.1khz; dem0=?1?, dem1=?0?) parameter symbol min typ max units adc digital filter (decimation lpf): passband (note 10) -0.005db -0.02db -0.06db -6.0db pb 0 0 0 0 19.76 20.02 20.20 22.05 khz khz khz khz stopband sb 24.34 khz passband ripple pr 0.005 db stopband attenuation sa 80 db group delay (note 11) gd 29.3 1/fs group delay distortion gd 0 us adc digital filter (hpf): frequency response (note 10) -3db -0.5db -0.1db fr 0.9 2.7 6.0 hz hz hz dac digital filter: passband (note 10) -0.06db -6.0db pb 0 0 20.0 22.05 khz khz stopband sb 24.1 khz passband ripple pr 0.06 db stopband attenuation sa 43 db group delay (note 11) gd 14.7 1/fs dac digital filter + analog filter: frequency response: 0 20.0khz fr 0.2 db note: 10. the passband and stopband frequencies scale with fs. for example, 20.02khz at -0.02db is 0.454 x fs. the reference frequency of these responses is 1khz. 11. the calculating delay time which occurred by digital f iltering. this time is from the input of analog signal to setting the 20bit data of both channels to the output register for adc. for dac, this time is from setting the 20bit data of both channels on input register to the output of analog signal. digital characteristics (ta=25 c; va=4.5 5.5v, vd=2.7 5.5v) parameter symbol min typ max units high-level input voltage (except cmode pin) low-level input voltage (except cmode pin) vih vil 70%vd - - - - 30%vd v v high-level input voltage (cmode pin) low-level input voltage (cmode pin) vih vil 95%vd - - - - 10%vd v v hight-level output voltage (iout=-80ua) low-level output voltage (iout=80ua) voh vol vd-0.4 - - - - 0.4 v v input leakage current (note 12) iin - - 10 ua note: 12. cmode pin has internal pull-up and pull-down devices, nominally 50kohm.
asahi kasei [AK4522] m0020-e-02 2012/01 - 7 - switching characteristics (ta=25 c; va=4.5 5.5v, vd=2.7 5.5v; c l =20pf) parameter symbol min typ max units master clock timing external clock 256fs: pulse width low pulse width high 384fs: pulse width low pulse width high 512fs: pulse width low pulse width high fclk tclkl tclkh fclk tclkl tclkh fclk tclkl tclkh 4.096 27 27 6.144 20 20 8.192 15 15 12.288 18.432 24.576 mhz ns ns mhz ns ns mhz ns ns lrck frequency duty cycle fsn dfs 16 45 44.1 48 55 khz % serial interface timing slave mode sclk period sclk pulse width low pulse width high lrck edge to sclk ? ? (note 13) sclk ? ? to lrck edge (note 13) lrck to sdto(msb) sclk ? ? to sdto sdti hold time sdti setup time tsck tsckl tsckh tlrs tslr tlrm tssd tsdh tsds 160 65 65 45 45 40 25 40 50 ns ns ns ns ns ns ns ns ns reset timing pd pulse width pd ? ? to sdto valid (note 14) tpd tpdv 150 516 ns 1/fs note 13. sclk rising edge must not occur at the same time as lrck edge. 14. these cycles are the number of lrck rising from pd rising. the AK4522 can be reset by bringing pd ?l?.
asahi kasei [AK4522] m0020-e-02 2012/01 - 8 - ? timing diagram tlrs lrck 50%vd sclk tlrm sdto 50%vd tssd 50%vd tslr tsds sdti 50%vd tsdh tslkl tslkh serial interface timing (slave mode) tpd 30%vd pd 70%vd sdto tpdv reset & initialize timing
asahi kasei [AK4522] m0020-e-02 2012/01 - 9 - operation overview ? system clock the master clock (mclk) can be external clock input to the mcki pin. cmode is used to select either mclk=256fs, 384fs or 512fs. the relationship between the mclk and the desi red sample rate is defined in table 1. the lrck clock input must be synchronized w ith mclk, however the phase is not critical. internal timing is synchronized to lrck upon power-up. all external clocks must be present unless pd = ?l?, otherwise excessive current may result from abnormal operation of internal dynamic logic. mclk sclk fs 256fs cmode=?l? 384fs cmode=?h? 512fs cmode=?nc? 64fs 128fs 32.0khz 8.1920mhz 12.2880mhz 16.384mhz 2.048mhz 4.096mhz 44.1khz 11.2896mhz 16.9344mhz 22.579mhz 2.822mhz 5.644mhz 48.0khz 12.2880mhz 18.4320mhz 24.576mhz 3.072mhz 6.144mhz table 1. system clock example ? audio serial interface format data is shifted in/out the sdti/sdto pins using sclk and lrck inputs. four serial data modes selected by the dif0 and dif1 pins are supported as shown in table 2. in all modes the serial data has msb first, 2?s compliment format. the data is clocked out on the falling edge of sclk and latched on th e rising edge. for mode 3, if sclk is 32fs, then the least significant bits will be truncated. mode dif1 dif0 sdto (adc) sdti (dac) l/r sclk 0 0 0 20bit, msb justified 16bit, lsb justified h/l t 32fs 1 0 1 20bit, msb justified 20bit, lsb justified h/l t 40fs 2 1 0 20bit, msb justified 20bit, msb justified h/l t 40fs 3 1 1 iis (i2s) iis (i2s) l/h t 32fs or 40fs table 2. serial data modes lrck ( i ) sclk ( i:64fs ) sdto ( o ) 012 19 17 18 20 31 0 1 2 19 17 18 20 31 0 19 1 18 0 19 18 3 2 0 19 sdti ( i ) 1 14 0 12 11 1 14 0 12 11 sdto-19:msb, 0:lsb; sdti-15:msb, 0:lsb lch data rch data don?t care don?t care 32 sclk ( i:32fs ) sdto ( o ) 0 1 2 9 10 12 13 15 0 1 2 9 10 12 13 15 0 19 1 18 8 19 18 8 11 10 19 sdti ( i ) 1 60 43 1 15 0 54 11 10 2 54 76 17 15 14 13 31114 9 5 7 17 1 13 15 30 17 33 17 14 13 7 6 3 2 15 14 11 4 5 6 7 9 1 15 13 2 2 figure 1. mode 0 timing
asahi kasei [AK4522] m0020-e-02 2012/01 - 10 - lrck ( i ) sclk(i:64fs) sdto ( o ) 0 1 2 12 13 14 20 21 31 0 1 2 12 13 14 20 21 31 0 19 1 18 0 19 18 8 7 6 0 19 sdti(i) 1 18 0 19 12 11 1 18 0 19 12 11 19:msb, 0:lsb lch data rch data don?t care don?t care 876 figure 2. mode 1 timing lrck ( i ) sclk(i:64fs) sdto ( o ) 0 1 2 17 18 19 20 0 1 2 17 18 20 19 0 19 1 18 2 19 18 3 2 3 2 19 sdti(i) 18 19 1 0 1 22 0 23 1 0 19:msb, 0:lsb lch data rch data don?t care don?t care 3 32 21 21 19 10 figure 3. mode 2 timing lrck ( i ) sclk(i:64fs) sdto ( o ) 012 19 17 18 20 31 0 1 2 19 17 18 20 31 0 1 19 1 19 4 3 1 sdti(i) 310 310 19:msb, 0:lsb lch data rch data don?t care don?t care 43 sclk(i:32fs) sdto(o) 0 1 2 9 10 12 13 15 0 1 2 9 10 12 13 15 0 4 1 19 9 419 9 12 11 4 sdti(i) 12 11 65 87 18 31114 10 18 2 2 4 21 18 33 18 14 11 5 6 7 8 10 2 42 0 0 19 18 19 18 21 figure 4. mode 3 timing ? digital high pass filter the adc of AK4522 has a digital high pass filter for dc offset cancel. the cut-o ff frequency of the hpf is 0.9hz at fs=44.1khz and also scales with sampling rate (fs).
asahi kasei [AK4522] m0020-e-02 2012/01 - 11 - ? de-emphasis filter the dac of AK4522 includes the digital de-emphasis filter (t c=50/15us) by iir filter. this filter corresponds to three frequencies (32khz, 44.1khz, 48khz). the de-emphasis filter se lected by dem0 and dem1 is enabled for input audio data. the de-emphasis is also disabled at dem0=?1? and dem1=?0?. dem1 dem0 mode 0 0 44.1khz 0 1 off 1 0 48khz 1 1 32khz table 3. de-emphasis filter control ? soft mute operation soft mute operation is performed at digital domain. when smute goes to ?h?, the output signal is attenuated by - f during 1024 lrck cycles. when smute is returned to ?l?, the mute is cancelled and the output attenuation gradually changes to 0db during 1024 lrck cycles. if the soft mute is cancelled within 1024 lrck cycles after starting the operation, the attenuation is discontinued and returned to 0db. the soft mute is effective for changing the signal source without stopping the signal transmission. smute a ttenuation 1024/fs 0db - f 1024/fs gd gd (1) (2) (3) -100db noise level notes: (1) the output signal is attenuated by - f during 1024 lrck cycles (1024/fs). (2) analog output corresponding to digital input has the group delay (gd). (3) if the soft mute is cancelled within 1024 lrck cycles, the attenuation is discontinued and returned to 0db. figure 5. soft mute operation
asahi kasei [AK4522] m0020-e-02 2012/01 - 12 - ? power-down & reset the adc and dac of AK4522 are placed in the reset mode by bringing a reset pin, pd ?l?. this reset should always be done after power-up. in case of the adc, an analog initiali zation cycle starts after exiting the reset mode. therefore, the output data, sdto becomes available after 516 cycles of lrck clock. this initialization cycle does not affect the dac operation. figure 6 shows the power-up sequence. a dc internal state pd 516/fs normal operation reset init cycle normal operation (1) the clocks may be stopped. gd gd clock in mclk,lrck,sclk a dc in (analog) ?0?data a dc ou t (digital) normal operation reset normal operation dac internal state ?0?data dac in (digital) dac out (analog) gd external mute mute on gd (2) (2) (3) (4) (5) (5) (6) (1) the analog part of adc is initialized after exiting the reset state. (2) digital output corresponding to analog input and analog out put corresponding to digital input have the group delay (gd). (3) a/d output is ?0? data at the reset state. (4) small click noise occurs at the end of initialization of the analog part. please mute the digital output externally if the click noise influences system application. (5) click noise occurs at the edge of pd . (6) please mute the analog output externally if the c lick noise (5) influences system application. figure 6. power-up sequence
asahi kasei [AK4522] m0020-e-02 2012/01 - 13 - system design figure 7 shows the system connection diagram. this is an example which analog signal is input by single ended circuit. in case of differential input, please refer to figure 10. an eval uation board is available which demonstrates application circuits, the optimum layout, power supply arrangements and measurement results. vrefh 1 a inr+ 2 a inr- 3 a inl+ 4 a inl- 5 v a 6 a gnd 7 dif0 8 dif1 9 lrck 10 sclk 11 sdti 12 vcom 24 aoutr 23 aoutl 22 cmode 21 pd 20 dgnd 19 vd 18 mcki 17 dem1 16 dem0 15 smute 14 sdto 13 AK4522 10u 0.1u + mode setting audio controller format setting 4.5 5.5v a nalog supply + 10u 0.1u 470 470 4.7u 0.1u 2.2n 4.7u 0.1u 2.2n + + 0.1u + 2.7 5.5v digital supply 5 10u 0.1u figure 7. typical connection diagram notes: - when aout drives some capacitive load, some resist or should be added in se ries between aout and capacitive load. - all input pins except cmode pin should not be left floating.
asahi kasei [AK4522] m0020-e-02 2012/01 - 14 - vrefh a inr+ a inr- a inl+ a inl- v a a gnd dif0 dif1 lrck sclk sdti vcom aoutr aoutl cmode pd dgnd vd mcki dem1 dem0 smute sdto AK4522 a nalog ground 18 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 17 16 15 14 13 19 digital ground system controller figure 8. ground layout 5v analog 5v digital va vd vd system controller a k4522 5v analog 3v digital va vd vd system controller a k4522 case 1. 5v system case 2. 5v/3v system figure 9. power supply arrangement
asahi kasei [AK4522] m0020-e-02 2012/01 - 15 - 1. grounding and power supply decoupling the AK4522 requires careful attention to power supply a nd grounding arrangements. va and vd are usually supplied from analog supply in system. alternatively if va and vd are supplied separately, the power up sequence is not critical. agnd and dgnd of the AK4522 should be connected to analog ground plane. system analog ground and digital ground should be connected together near to where the supplies are brought onto the printed circuit board. decoupling capacitors should be as near to the AK4522 as possible, with the small value ceramic capacitor being the nearest. 2. voltage reference the differential voltage between vrefh and agnd sets the analog input/output range. vrefh pin is normally connected to va with a 0.1uf ceramic capacitor. vcom is a signal ground of this chip. an electrolytic capacitor 10uf parallel with a 0.1uf ceramic capacitor a ttached to vcom pin eliminates the effects of high frequency noise. no load current may be drawn from vcom pin. all signals, especia lly clocks, should be kept away from the vrefh and vcom pins in order to avoid unwanted coupling into the AK4522. 3. analog inputs the adc inputs are differential and internally biased to the common voltage (va/2) with 30k (typ) resistance. figure 7 is a circuit example which analog signal is input by single end. the signal can be input from either positive or negative input and the input signal range scales with the supply volta ge and nominally 0.6 x vrefh vpp. in case of single ended input, the distortion around full scale degrades compared with differential input. figure 10 is a circuit example which analog signal is input to both positive and negative input and the input signal range scales with the supply voltage and nominally 0.3 x vrefh vpp. the AK4522 can accept input vo ltages from agnd to va. the adc output data format is 2?s complement. the output code is 7ffffh(@20bit) for i nput above a positive full scal e and 80000h(@20bit) for input below a negative fill scale. the ideal code is 00000h(@20bit) with no input signal. the dc offset is removed by the internal hpf. the AK4522 samples the analog inputs at 64fs. the digital filte r rejects noise above the stop band except for multiples of 64fs. a simple rc filter (fc=150khz) may be used to attenua te any noise around 64fs and most audio signals do not have significant energy at 64fs. a k4522 1.5nf 330 + vop=va=5v signal 10 k 330 0.1u 22u 4.7 k 10 k 3.2vpp 1.5vpp 2 3 4 5 a inr+ a inr- a inl- a inl+ 10 k vop 4.7 k vop 4.7 k 10u bias same circuit 1.5vpp njm2100 + + - - figure 10. differential input buffer example
asahi kasei [AK4522] m0020-e-02 2012/01 - 16 - 4. analog outputs the analog outputs are also single-ended and centered around the vcom voltage. the input signal range scales with the supply voltage and nominally 0.58 x vrefh vpp. the dac input data format is 2?s complement. the output voltage is a positive full scale for 7ffffh(@20bit) and a negative fu ll scale for 80000h(@20bit). th e ideal output is vcom voltage for 00000h(@20bit). the internal sw itched-capacitor filter and continuous-tim e filter remove most of the noise generated by the delta-sigma modulator of dac beyond the audio passband. dc offsets on analog outputs are eliminated by ac coupling since dac outputs have dc offsets of a few mv. figure 11 shows the example of external op-amp circuit with 6db gain. the output signal is inverted by using the circuit in this case. a outl 2.9vpp bias vop vop lch out 5.2vpp 10k 18k 27k 10u 4.7k 4.7k 0.1u 10u + - + 27u + + rch op-amp optional amp with 6db gain vop=12v njm5532 figure 11. external analog circuit example (gain=6db)
asahi kasei [AK4522] m0020-e-02 2012/01 - 17 - package 0.10 0.10 0-8 detail a seating plane note: dimension "*" does not include mold flash. | 0.10 0.22 0.05 0.30 0.10 0.65 0.08 8.20 2.10max a 1 12 13 24 24pin ssop (unit: mm) 7.90 0.20 0.60 0.15 5.30 0.13 m ? package & lead frame material package molding compound: epoxy lead frame material: cu lead frame surface treatment: solder plate
asahi kasei [AK4522] m0020-e-02 2012/01 - 18 - marking AK4522vm xbyyyc xbyyyc: date code identifier xb: lot number ( x: digit number, b: alpha character ) yyyc: assembly date ( y: digit number, c: alpha character ) date (y/m/d) revision reason page contents 12/01/25 02 specification change 1, 2, 17, 18 AK4522vf was deleted. (24pin vsop) AK4522vm was added. (24pin ssop) ordering guide was changed. package was changed. marking was changed. revision history
asahi kasei [AK4522] m0020-e-02 2012/01 - 19 - important notice z these products and their specifications are subject to change without notice. when you consider any use or application of these produc ts, please make inquiries the sales office of asahi kasei microdevices corporation (akm) or authorized distributors as to current status of the products. z descriptions of external circuits, application circuits, software and other related information contained in this document are provided only to illustrate the operation and application exampl es of the semiconductor products. you are fully responsible for the incorporation of these external circuits, application circuits, software and other related information in the design of your e quipments. akm assumes no responsibility fo r any losses incurred by you or third parties arising from the use of these information herein. akm assumes no liability for infringement of any patent, intellectual property, or other rights in the applica tion or use of such information contained herein. z any export of these products, or devices or systems containi ng them, may require an export license or other official approval under the law and regulations of the country of e xport pertaining to customs and tariffs, currency exchange, or strategic materials. z akm products are neither intended nor aut horized for use as critical components note1 ) in any safety, life support, or other hazard related device or system note2 ) , and akm assumes no responsibility fo r such use, except for the use approved with the express written consent by representative director of akm. as used here: note1 ) a critical component is one whose failure to functi on or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. note2 ) a hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aeros pace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. z it is the responsibility of the buyer or distributor of akm products , who distributes, disposes of, or otherwise places the product with a third party, to notify such third party in advance of the above conten t and conditions, and the buyer or distributor agrees to assume any and all responsib ility and liability for and hold akm harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AK4522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X